Part Number Hot Search : 
MBR20200 D111EI 17MB35 2TRPB AC05S240 TT2146 SA160 1N4749A
Product Description
Full Text Search
 

To Download 10126-3000VE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 .050 Mini D Ribbon (MDR) Connectors
Solder Plug Connector -- Shielded 101XX-3000VE Series
S Solder plug shielded I/O connector S Accepts wide variety of discrete wire cable types AWG 24-30 S Soldering wire contact cup requires no special tooling S Ribbon type contact: industry preferred S Reliable repetitive plugging/unplugging S Positions: 14, 20, 26, 36, 40 and 50
Date Modified: February 19, 1999
152
TS-0669-06 Sheet 1 of 2
Physical
Insulation Material: Flammability: Color: Contact Material: Plating Underplate: Wiping Area: Solder Area: Shroud Material: Plating: Wire Accomodation: Marking: Glass Reinforced Polyester (PCT) UL 94V-0 Black Copper Alloy (C521) 80 (2.0 m) Nickel -- QQ-N-290, Class 2 20 (0.51 m) Min Gold -- MIL-G-45204, Type II, Grade C Tin-Lead Steel Nickel 24, 26, 28 & 30 AWG 3M Logo and Part Number
Electrical
Current Rating: 1 A Insulation Resistance: > 5 x 108 at 500 VDC Withstanding Voltage: 500 Vrms for 1 Minute
Environmental
Temperature Rating: -55C to +105C Solder Process: 360C max for 10 sec. max
UL File No.: E68080
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373
.050 Mini D Ribbon (MDR) Connectors
Solder Plug Connector -- Shielded
Contact Quantity
14 20 26 36 40 50
101XX-3000VE Series
B
.54 [ 13.8 ] .69 [ 17.6 ] .85 [ 21.5 ] 1.09 [ 27.8 ] 1.19 [ 30.3 ] 1.44 [ 36.7 ]
Dimensions A
.300 [ 7.62 ] .450 [ 11.43 ] .600 [ 15.24 ] .850 [ 21.59 ] .950 [ 24.13 ] 1.200 [ 30.48 ]
C
.72 [ 18.2 ] .87 [ 22.0 ] 1.02 [ 25.8 ] 1.27 [ 32.2 ] 1.37 [ 34.7 ] 1.62 [ 41.1 ]
(R)
(R)
20, 36 & 40 Position
.100 [ 2.54 ] .050 [ 1.27 ] Position .09 [ 2.3 ] Last Position .20 [ 5.1 ]
14, 26 & 50 Position
Last Position .09 [ 2.3 ]
Position 1 Position 2
Position 3
.20 [ 5.1 ] .11 [ 2.9 ]
.50 [ 12.7 ] C
.76 [ 19.3 ] .26 [ 6.6 ]
Position 1
Position 2 Position 3
.30 [ 7.5 ]
.36 [ 9.1 ]
Inch
[mm]
Tolerance Unless Noted .0 .00 .000 Inch .1 .01 .005
.050 [ 1.27 ] A Position B Last Position
[ ] Dimensions for Reference only
Ordering Information 101XX-3000VE
Contact Quantity (See Table) Note: This solder plug connector must be used with only 3M Non-Shielded Shell Kits 103XX-52FO-008 Series and 103XX-52A0-008 Series. TS-0669-06 Sheet 2 of 2
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373


▲Up To Search▲   

 
Price & Availability of 10126-3000VE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X